Part Number Hot Search : 
L2N60 SST4119 MMBT5 C5887 ACT86 1N4562D SMAJ16CA EDI88
Product Description
Full Text Search
 

To Download TMP86FS49 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ic e p pr 00-u 9FG(Z) 1 4 86FS TMP
7 3.7
86FS TMP
ic e p pr 00-u UG (JZ) 1 9
4
7 3.7
TMP86FS49 Highly Integrated 8-Bit Flash Microcontroller
from Toshiba
The TMP86FS49 is a new 8-bit microcontroller incorporating 60 Kbytes of Flash memory and a large number of on-chip peripheral functions such as UART (2 channels), synchronous serial interface (2 channels) and I2C bus interface (1 channel) as communication functions. It includes a 10-bit A/D converter, various timers and is available in three types of package, making it ideal for consumer and industrial applications, and for networked home appliances. The microcontroller supports on-board programming and offers enhanced security functionality to protect the user program against unauthorized external read-out. The high-speed microcontroller CPU has a low power consumption.
Key Features
* TLCS-870/C CPU core with internal 8-bit architecture * Flash memory: 60 Kbytes * RAM: 2 Kbytes * 24 interrupt sources (external: 5, internal: 19) * Input/output ports (56 pins) * 16-bit timer counter: 2 channels (timer, event counter, external trigger timer, window, pulse width measurement, PPG output modes) * Time base timer * Watchdog timer * 8-bit timer counter: 4 channels (timer, event counter, programmable divider output, PWM output, capture modes) * Serial interfaces: UARTs, SIO, I2C bus * 10-bit precision A/D converter: 16 channels * Key-on wake-up: 4 channels * Nine power-saving operating modes * Wide operating voltage: 4.5...5.5 V @ 16 MHz and 32.768 kHz subclock 2.7...5.5 V @ 8 MHz and 32.768 kHz subclock * Packages: 64-pin QFP, LQFP, SDIP
Software and Tools
Besides a high-end real-time emulator for the TLCS-870/C family, a low-cost starter kit (BMSKTOPAS86FS49A) including IDE, ROM monitor, simulator debugger, Flash programmer, compiler (limited version), application notes and evaluation board is available.
Roberto Premoli, EBV Milano
TMP86FS49 Block Diagram
MIP Edition 1/2005
55
TOSHIBA


▲Up To Search▲   

 
Price & Availability of TMP86FS49

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X